Part Number Hot Search : 
33291L ECG2328 FN817 INTER 020CT TQP9111 63A05 MM1661F
Product Description
Full Text Search
 

To Download PCCV22-100M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd semi shielded power chip inductor 15 rdc () allied part number inductance ( h) tolerance (%) test freq. allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs 04/05/13 mhz, 200mv all specifications subject to change without notice. irms pccv22-r50m-rc 0.5 20 1 51 1.840 features ? semi magnetically shielded electrical test equipment physical packaging: 2k per tape and reel ? high current inductance range: .5h ~ 22h (other tolerance: available in 20% operating temp: -40oc ~ +125oc isat: current at which the inductance will drop resistance to soldering heat pre-heat 150oc, 1 min. solder temp: 260oc +/- 5oc for 10 sec (l): hp4287a + hp16197a (rdc): chroma milliohm meter 16502 current: hp4284a + hp42841a marking: as noted pccv22 isat 2.080 irms: based on a temp rise of t = 40oc solder composition: sn/ag3.0/cu0.5 values being added) by no more then 30% of its initial value. pccv22-1r5m-rc 1.5 20 1 83 1.440 1.520 pccv22-2r2m-rc 2.2 20 1 159 1.072 1.088 pccv22-3r3m-rc 3.3 20 1 220 0.848 0.880 pccv22-4r7m-rc 4.7 20 1 330 0.720 0.736 PCCV22-100M-RC 10 20 1 580 0.464 0.496 pccv22-150m-rc 15 20 1 900 0.360 0.384 ? typical above ambient temp. 30% marking b c e f g i j ? low magnetic radiation (max) (max) ? ultra low profile only 1.2mm recommended pattern (a) (a) pccv22-220m-rc 22 20 1 1400 0.320 0.320 k magnetic resin inductance vs. dc current 0 5 10 15 20 25 0 0.5 1 1.5 2 2.5 3 3.5 dc curren t( a) l(uh) 1r0 4r7 100 220 r50 3r3 2r2 150 tem perature change vs. dc current 0 10 20 30 40 50 60 70 80 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 dc curren t( a) t( ) 4r7 100 220 3r3 r50 2r2 150 1r0 dimensions: inches (mm) .080.1 (2.00.25) .0630.1 (1.60.25) .024 (0.6) .05.002 (1.20.05) .032 (0.8) .032 (0.8) .071 (1.8) .032 (0.8)


▲Up To Search▲   

 
Price & Availability of PCCV22-100M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X